PART |
Description |
Maker |
GM71C4400DLJ-80 GM71C4400D-60 GM71C4400D-80 GM71C4 |
Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 6-SOT-223 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, Fast Transient Response 6-SOT-223 1,048,576 Words x Bit Organization 1,048,576字×位组织 Circular Connector; Body Material:Aluminum Alloy; Series:MS3112; Number of Contacts:21; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin 1,048,576字×位组织 Replaced by REG104-A : Single Output LDO, 1.0A, Fixed(2.7V), Low Noise, Fast Transient Response 5-DDPAK/TO-263
|
LG Corp. LG, Corp.
|
P6KE P6KE39 P6KE39A P6KE180CA P6KE20C P6KE20CA P6K |
Single Output LDO, 200mA, Fixed(1.9V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 16-Bit Bus Transceivers with Bus-Hold and 3-State Outputs 48-TSSOP -40 to 85 16-Bit Buffers/Drivers with Bus-Hold and 3-State Outputs 48-SSOP -40 to 85 16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts 玻璃钝化结瞬态电压抑制电压为440伏特.8 Quadruple 2-Input Multiplexers with Storage 16-SSOP/QSOP -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Synchronous 4-Bit Binary Counter 16-SOIC -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 5-DDPAK/TO-263 玻璃钝化结瞬态电压抑制电压为440伏特.8
|
SURGE[Surge Components] Surge Components, Inc.
|
R1120N501B-TL R1120N301A-TL R1120N501ATR R1120N501 |
LOW NOISE 150mA L.D.O REGULATOR FIXED POSITIVE LDO REGULATOR, PDSO5 CAP 0.27UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 FIXED POSITIVE LDO REGULATOR, PDSO5 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 LOW NOISE 150mA L.D.O REGULATOR 低噪50mA的LDO稳压
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
P6KE200A P6KE47A P6KE51A P6KE30A P6KE56A P6KE33A P |
ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE Octal Buffers and Line Drivers with 3-State Outputs 20-SOIC -40 to 85 Octal D-Type Registers with 3-State Outputs 20-SOIC -40 to 85 3-V to 5.5-V Multichannel RS-232 1-MBit/s Line Driver/Receiver 28-SOIC -40 to 85 Single Output LDO, 200mA, Fixed(1.8V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 Octal Line Driver/MOS Driver with 3-State Outputs 20-SSOP/QSOP -40 to 85 Single Output LDO, 1.0A, Fixed(2.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 1.5 GHz to 2.5 GHz Quadrature Modulator 16-VQFN -40 to 85 Low-Noise Fast-Transient-Response 1.5-A LDO Regulator 5-DDPAK/TO-263 -40 to 125 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 From old datasheet system Zener Transient Voltage Suppressors Undirectional and Bidirectional
|
Motorola Mobility Holdings, Inc. Motorola, Inc. Motorola Inc MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc] ON Semiconductor
|
MAX8882EUTQ5-T MAX8882EUTJ5 MAX8882EUTJ5T |
Dual, Low-Noise, Low-Dropout, 160mA Linear Regulators in SOT23 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
Maxim Integrated Products, Inc.
|
P6KE39 P6KE39A P6KE9.1A P6KE20A P6KE100 P6KE P6KE2 |
Single Output LDO, 200mA, Fixed(1.9V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85 TRANSIENT VOLTAGE SUPPRESSOR 瞬态电压抑制器 Wireless 27MHz Dual receiver 28-TSSOP -40 to 85 瞬态电压抑制器
|
EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC discrete Semiconduc...
|
ISL9000AMRNCEP |
Dual LDO with Low Noise, Very High PSRR and Low IQ DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
FAN2558MP15X FAN2558 FAN2559 FAN2559S18X FAN2558AD |
180mA Low Voltage CMOS LDO 1 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Voltage CMOS LDO 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Output Voltage CMOS LDO with Power Good Output 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5 180mA Low Output Voltage Low Noise CMOS LDO with Power Good Output 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO6 180mA Low Voltage CMOS LDO 3.6 V FIXED POSITIVE LDO REGULATOR, PDSO5 From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
P4SMA75A P4SMA7.5CA P4SMA8.2A P4SMA480CA P4SMA7.5A |
Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 硅雪崩二极管- 400W表面贴装瞬态电压Supressors Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 Single Output LDO, 250mA, Adj.(1.22 to 5.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 Enhanced Product Ultralow-Noise High Psrr Fast Rf 200-Ma Low-Dropout Linear Regulators 5-SOT-23 -40 to 125 Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
|
http:// Won-Top Electronics Co., Ltd. Littelfuse, Inc.
|
P4KE P4KE9.1CA P4KE56CA P4KE6.8CA P4KE7.5CA P4KE8. |
Single Output LDO, 1.5A, Fixed(3.0V), Low Noise, High PSRR 6-SOT-223 -40 to 125 玻璃钝化结瞬态电压抑制器 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 玻璃钝化结瞬态电压抑制器 Single Output LDO, 100mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 125 玻璃钝化结瞬态电压抑制器 Replaced by DAC811 : Monolithic 12-Bit Digital-to-Analog Converters 24-CDIP SB 玻璃钝化结瞬态电压抑制器 16-Bit, 1.0 GSPS 2x-4x Interpolating Digital-To-Analog Converter (DAC) 64-VQFN -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
|
TRSYS Transys Electronics, Ltd. Transys Electronics Ltd.
|
ISL9011IRLLZ ISL9011IRLBZ ISL9011IRKNZ ISL9011IRKK |
Dual LDO with Low Noise, Low IQ, and High PSRR DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10 Dual LDO with Low Noise, Low IQ, and High PSRR 双路LDO稳压器具有低噪音,低智商,及高PSRR CAC 7C 7#16S SKT PLUG Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Body Diameter:10mm; Capacitance:470uF RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
|